Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V370PDC Datasheet HTML 1Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 2Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 3Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 4Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 5Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
V370PDC
4
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
Copyright © 1999, V3 Semiconductor Inc.
CAS
O12
Z
SDRAM Column Address Strobe
MWE
O12
Z
SDRAM Memory Write Enable
MAD[31:0]
I/O8
Z
SDRAM and peripheral bus data
DQM[3:0]
O8
Z
SDRAM Data Mask (these act as MBE[3:0], A[1:0] for peripheral
access)
MARB_IN
I
Peripheral bus arbitration input: Treated as bus request input
when V370PDC is the primary bus master. When V370PDC is the
secondary bus master, this input acts as bus grant.
MARB_OUT
O8
0
Peripheral bus arbitration output: Treated as bus grant output
when V370PDC is the primary bus master. When V370PDC is the
secondary bus master, this output acts bus request.
ALE
O8
Z
Address Latch Enable: used to latch the address on MAD[31:0]
during the address phase of a peripheral bus access.
ADS
O8
Z
Asserted low to indicate the beginning of a bus cycle.
BLAST
O8
Z
Burst last.
READY
I
Data ready.
WNR
O8
ZWrite/Read.
SDA
I/OD
Z
Serial EEPROM Data
SCL
O2
Z
Serial EEPROM Clock
IOC[11:0]
I/O8
Z
Multi-purpose I/O that can be configured for many functions
INT[3:0]
I/O8
Z
General purpose interrupt inputs/outputs: may be used for either
PCI or local processor interrupts
Mode and Reset
Signal
Type
R
Description
RSTIN
I
Reset Input: Active low reset input used to initialize all internal
functions of the chip.
RSTOUT
O8
0
Reset Output: Driven active when the input reset is driven active.
Driven inactive when the RSTOUT bit in the system register is set.
The RSTOUT signal is synchronous to the rising edge of CLKIN.
CH
I
PCI Precharge Bias: This signal is driven low to activate the on-
chip precharge bias for use in PICMG Hot Swap applications.
Non-Hot Swap applications should pull this signal high.
Table 3: Signal Descriptions (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com