Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V370PDC Datasheet HTML 1Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 2Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 3Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 4Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 5Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
V370PDC
2
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
Copyright © 1999, V3 Semiconductor Inc.
This document contains the product codes, pinout, package mechanical information, DC
characteristics, and AC characteristics for the V370PDC. Detailed functional information is contained
in the User’s Manual.
V3 Semiconductor retains the rights to change documentation, specifications, or device
functionality at any time without notice. Please verify that you have the latest copy of all
documents before finalizing a design.
1.0 Product Codes
2.0 Pin Description
Table 2 below lists the pin types found on the V370PDC. Table 3 describes the function of each pin on
the V370PDC.
Table 1: Product Codes
Product Code
Package
Frequency
V370PDC-66 REV A0
160-pin EIAJ PQFP
66MHz
Table 2: Pin Types
Pin Type
Description
PCI I
PCI input only pin.
PCI O
PCI output only pin.
PCI I/O
PCI tri-state I/O pin.
PCI I/OD
PCI input with open drain output.
I/O8
TTL I/O pin with 8mA output drive.
I/OD
TTL input with open drain output.
I
TTL input only pin.
O2
TTL output pin with 2mA output drive.
O8
TTL output pin with 8mA output drive.
O12
TTL output pin with 12mA output drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com