Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 10Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 11Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 12Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 13Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
V370PDC
Copyright © 1999, V3 Semiconductor Corp.
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
11
3.3
AC Specifications
The AC specifications for the PCI bus signals match exactly those given in the PCI Specification, Rev.
2.1, Section 4.2.1.2. For more information on the PCI AC specifications, including the V/I curves for 5V
signalling, see section 4.2.1.2 of Rev 2.1 PCI Specification.
3.4
PCI Bus Timings
Table 9: PCI Bus Signals AC Operating Specifications
Symbol
Parameter
Condition
Min
Max
Units
Notes
IOH(AC)
Switching
Current high
0V< VOUT≤ 0.3VCC
-12VCC
mA
0.3VCC<VOUT<0.9V
-17.1(VCC-VOUT)mA
0.7VCC<VOUT<VCC
Equation C
(Test point)
VOUT = 0.7VCC
-32VCC
IOL(AC)
Switching
Current low
VCC > VOUT >0.6VCC
16VCC
mA
0.6VCC > VOUT >0.1VCC
26.7VCC
mA
(Test point)
VOUT=0.18VCC
38VCC
mA
ICL
Low clamp
current
-3V<VIN<-1V
-25+(VIN+1)/0.015
mA
tR
Unloaded
output rise
time
0.2VCC to 0.6VCC
14
V/ns
tF
Unloaded
output fall
time
0.6V to 0.2V
1
4
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com