Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 10Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 11Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 12Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 13Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
V370PDC
Copyright © 1999, V3 Semiconductor Corp.
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
13
Notes:
1. Applies only to READY pin when i960_RDY bit in LB_BUS_CFG register is set to ’1’.
Table 12: Local Bus Timing Parameters for Vcc =3.3 Volts +/- 5%
66MHz
#
Symbol
Description
Notes
Min
Max
Units
1TC
CLKIN period
15
ns
2TCH
CLKIN high time
5.5
ns
3TCL
CLKIN low time
5.5
ns
4TSU
Synchronous input setup
3
ns
4a
TSU
Asynchronous input setup (READY)1
7
ns
5TH
Synchronous input hold
1
ns
6TCOV
CLKIN to output valid delay
3
11
ns
7TCZO
CLKIN to output driving delay
3
11
ns
8TCOZ
CLKIN to high impedance delay
4
12
ns
9TALE
ALE Pulse Width
TCH+0.5 TCH+1
ns
10
TCLH
CLKIN rising to ALE rising
2
10
ns
11
TAH
CLKIN falling to ALE falling
2
10
ns
Table 13: PCI Bus Timing Parameters for Vcc = 3.3 Volts +/- 10%
#
Symbol
Description
Notes
Min
Max
Units
1TC
PCLK period
30
ns
2TSU
Synchronous input setup to PCLK
1
7
ns
3TH
Synchronous input hold from PCLK
0
ns
4TCOV
PCLK to output valid delay
2
3
11
ns
5TCZO
PCLK to output driving delay
4
11
ns
6TCOZ
PCLK to high impedance delay
5
18
ns
7TRST
Reset period when PRST used as input
16·TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com