Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V370PDC Datasheet HTML 1Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 2Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 3Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 4Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 5Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright © 1999, V3 Semiconductor Corp.
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
1
V370PDC Rev. A0
High Performance PCI SDRAM Controller with
Integrated Peripheral Control Unit
V3 Semiconductor reserves the right to change the specifications of this product without notice.
V370PDC is a trademark of V3 Semiconductor Inc. All other trademarks are the property of their respective owners.
V370PDC
SDRAM
and PROM
ISA
Conversion
Logic
PCI-to-ISA Conversion
Application
V370PDC
SDRAM
SRAM/
FLASH
PCI Target Only
Application
• Fully compliant with PCI 2.2 specification target
interface
• Multiplexed or Non-multiplexed 8-, 16-, or 32-bit
generic peripheral bus interface
• Support up to 1 Gbyte of SDRAM
• Support up to 2 single banks or 1 dual bank
industrial standard 168-pin PC SDRAM DIMM
• Support up to 1Kbyte of burst access from PCI
• Up to 5 programmable chip select for peripheral
strobe generation
• Large On-Chip FIFOs using V3’s unique
DYNAMIC BANDWIDTH ALLOCATION™
architecture
• Buffered PCI clock output
• Hot Swap Ready (PICMG™ Hot Swap
Specification)
• Implementation of PCI Bus Power Management
Interface Specification Version 1.0
• Initialization through PCI or serial EEPROM
• Programmable PCI and local interrupt
management
• Two 32-bit General Purpose Timers
• Up to 66 MHz local bus clock with asynchronous
PCI clock up to 33MHz
• 3.3V operation with 5V tolerant inputs
• Industrial Temperature Range (-40C to +85C)
• Low cost 160-pin PQFP package
The V370PDC PCI SDRAM Controller simplifies the
design of PCI based memory sub-systems. System
designers can replace many lower integration support
components with this single, high-integration device
saving design time, board area, and manufacturing
cost.
The V370PDC from V3 Semiconductor is a high
performance PCI SDRAM Controller with integrated
peripheral control unit operating at up to 66 MHz local
bus speed. It features multiple address translation
units from PCI which allow designers the freedom to
customize their local address space. Access latency of
slower peripherals are absorbed through the large On-
Chip FIFOs.
The peripheral bus provides low latency access to
SDRAM. The peripheral control unit on the V370PDC
also performs address decoding and chip-select
strobes generation for SRAM, PROM and other slow
peripherals. The peripheral bus can also be tri-stated
through a simple hand-shaking protocol to allow other
local bus masters control of the bus.
The SDRAM Controller connects the PCI bus through
on-chip FIFOs to SDRAM arrays of up to 1 Gbytes in
size. The fully programmable SDRAM controller also
supports the use of Enhanced SDRAM to achieve
even greater performance. Burst accesses of up to 1
Kbyte from PCI is supported.
The two g enera l pur pose 32-bit time rs ca n be
individually configured as a pulse width modulator, or
used in other modes such as retriggerable or one-
shot. Interrupts for a real time OS can be easily
generated by the system heartbeat timer. A watchdog
timer is also provided for graceful recovery from
catastrophic program failures. Interrupt requests for all
on-chip peripherals are managed by the Interrupt
Control Unit. Additionally, off-chip interrupts can be
routed to the Interrupt Control Unit.
The V370PDC is packaged in a low-cost 160-pin EIJA
Plastic Quad Flat Pack (PQFP), and is available in
66MHz speed grade.
TYPICAL APPLICATION


Similar Part No. - V370PDC

ManufacturerPart #DatasheetDescription
logo
American Beauty Tools
V3700 AMERICANBEAUTY-V3700 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
More results

Similar Description - V370PDC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA9730 PHILIPS-SAA9730 Datasheet
30Kb / 2P
INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER
1998
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
PIC Integrated Peripheral Controller
VT82C686A ETC-VT82C686A Datasheet
45Kb / 5P
PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
VT82C596A ETC-VT82C596A Datasheet
120Kb / 6P
MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C596B ETC-VT82C596B Datasheet
1Mb / 96P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C686B ETC1-VT82C686B Datasheet
1Mb / 128P
PCI Super-I/O Integrated Peripheral Controller
logo
Cypress Semiconductor
CY82C693UB CYPRESS-CY82C693UB Datasheet
1Mb / 164P
hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
logo
PLX Technology
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
PCI Express to USB 2.0 Peripheral Controller
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com