Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS4053_11 Datasheet HTML 1Page - ON Semiconductor NLAS4053_11 Datasheet HTML 2Page - ON Semiconductor NLAS4053_11 Datasheet HTML 3Page - ON Semiconductor NLAS4053_11 Datasheet HTML 4Page - ON Semiconductor NLAS4053_11 Datasheet HTML 5Page - ON Semiconductor NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NLAS4053
http://onsemi.com
5
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25_C
v85_C v125_C
Min
Typ*
tBBM
Minimum Break−Before−Make
Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figure 19)
3.0
4.5
3.0
0.0
0.0
−3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25_C.
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
Symbol
Parameter
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25°C
v85°C
v125°C
Min
Typ
Max
Min
Max
Min
Max
tTRANS Transition Time
(Address Selection Time)
(Figure 18)
2.5
3.0
4.5
3.0
0
0
0
−3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tON
Turn−on Time
(Figures 14, 15, 20, and 21)
Enable to NO or NC
2.5
3.0
4.5
3.0
0
0
0
−3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tOFF
Turn−off Time
(Figures 14, 15, 20, and 21)
Enable to NO or NC
2.5
3.0
4.5
3.0
0
0
0
−3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
Typical @ 25°C, VCC = 5.0 V
CIN
Maximum Input Capacitance,Select Inputs
8
pF
CNO or
CNC
Analog I/O
10
CCOM
Common I/O
10
C(ON)
Feedthrough
1.0
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
Symbol
Parameter
Condition
VCC
V
VEE
V
Typ
Unit
25°C
BW
Maximum On−Channel
Bandwidth or Minimum
Frequency Response
VIS = ½ (VCC − VEE)
Source Amplitude = 0 dBm
(Figures 10 and 22)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
−3.0
145
165
180
180
MHz
VISO
Off−Channel Feedthrough
Isolation
f = 100 kHz; VIS = ½ (VCC − VEE)
Source = 0 dBm
(Figures 12 and 22)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
−3.0
−93
−93
−93
−93
dB
VONL
Maximum Feedthrough
On Loss
VIS = ½ (VCC − VEE)
Source = 0 dBm
(Figures 10 and 22)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
−3.0
−2
−2
−2
−2
dB
Q
Charge Injection
VIN = VCC to VEE, fIS = 1 kHz, tr = tf = 3 ns
RIS = 0 W, CL= 1000 pF, Q = CL * DVOUT
(Figures 16 and 23)
5.0
3.0
0.0
−3.0
9.0
12
pC
THD
Total Harmonic Distortion
THD + Noise
fIS = 1 MHz, RL = 10 KW, CL = 50 pF,
VIS = 5.0 VPP sine wave
VIS = 6.0 VPP sine wave
(Figure 13)
6.0
3.0
0.0
−3.0
0.10
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com