Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS4053_11 Datasheet HTML 1Page - ON Semiconductor NLAS4053_11 Datasheet HTML 2Page - ON Semiconductor NLAS4053_11 Datasheet HTML 3Page - ON Semiconductor NLAS4053_11 Datasheet HTML 4Page - ON Semiconductor NLAS4053_11 Datasheet HTML 5Page - ON Semiconductor NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
March, 2011 − Rev. 3
1
Publication Order Number:
NLAS4053/D
NLAS4053
Analog Multiplexer/
Demultiplexer
Triple 2:1 Analog Switch−Multiplexer
Improved Process, Sub−Micron Silicon
Gate CMOS
The NLAS4053 is an improved version of the MC14053 and
MC74HC4053 fabricated in sub−micron Silicon Gate CMOS
technology for lower RDS(on) resistance and improved linearity with
low current. This device may be operated either with a single supply or
dual supply up to
±3.0 V to pass a 6 VPP signal without coupling
capacitors.
When operating in single supply mode, it is only necessary to tie
VEE, pin 7 to ground. For dual supply operation, VEE is tied to a
negative voltage, not to exceed maximum ratings. Pin for pin
compatible with all industry standard versions of ‘4053.’
Features
Improved RDS(on) Specifications
Pin for Pin Replacement for MAX4053 and MAX4053A
− One Half the Resistance Operating at 5.0 Volts
Single or Dual Supply Operation
− Single 3−5 Volt Operation, or Dual
±3.0 Volt Operation
− With VCC of 3.0 to 3.3 V, Device Can Interface with 1.8 V Logic,
No Translators Needed
− Address and Inhibit Pins are Over−Voltage Tolerant and May Be
Driven Up +6.0 V Regardless of VCC
− Greatly Improved Noise Margin Over MAX4053 and MAX4053A
Improved Linearity Over Standard HC4053 Devices
Popular SOIC and the Space Saving TSSOP Packages
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
NLAS4053G
AWLYWW
NLAS
4053
ALYWG
G
1
16
1
16
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NLAS4053_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4053D ONSEMI-NLAS4053D Datasheet
137Kb / 14P
Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DG ONSEMI-NLAS4053DG Datasheet
137Kb / 14P
Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DR2 ONSEMI-NLAS4053DR2 Datasheet
137Kb / 14P
Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DR2G ONSEMI-NLAS4053DR2G Datasheet
137Kb / 14P
Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DT ONSEMI-NLAS4053DT Datasheet
137Kb / 14P
Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
More results

Similar Description - NLAS4053_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com