Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS4053_11 Datasheet HTML 3Page - ON Semiconductor NLAS4053_11 Datasheet HTML 4Page - ON Semiconductor NLAS4053_11 Datasheet HTML 5Page - ON Semiconductor NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor NLAS4053_11 Datasheet HTML 10Page - ON Semiconductor NLAS4053_11 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NLAS4053
http://onsemi.com
7
Figure 9. Typical On Resistance
VCC = 3.3 V, VEE = −3.3 V
125°C
85°C
25°C
−55°C
0
5
10
15
20
−4
−20
2
4
Figure 10. Bandwidth
VCom (V)
25
−10
0.1
10
1.0
100
FREQUENCY (mHz)
0
BANDWIDTH (ON−RESPONSE)
−10
FREQUENCY (mHz)
0
0.1
10
1.0
100
−20
−30
−40
−50
−60
−70
−80
−90
−100
−20
−30
−40
−50
50
40
30
20
10
10
1000
100
10000
0
0.1
0.01
FREQUENCY (mHz)
10000
4.5
3.0
$3.3
5.5
Figure 11. Phase Shift
0.1
10
1.0
100
FREQUENCY (mHz)
90
PHASE SHIFT
54
18
−18
−54
−90
Figure 12. Off Isolation
Figure 13. Total Harmonic Distortion
72
36
0
−36
−72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com