Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS4053_11 Datasheet HTML 1Page - ON Semiconductor NLAS4053_11 Datasheet HTML 2Page - ON Semiconductor NLAS4053_11 Datasheet HTML 3Page - ON Semiconductor NLAS4053_11 Datasheet HTML 4Page - ON Semiconductor NLAS4053_11 Datasheet HTML 5Page - ON Semiconductor NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NLAS4053
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping
NLAS4053DG
SOIC−16
(Pb−Free)
48 Units / Rail
NLAS4053DR2
SOIC−16
2500 Tape & Reel
NLAS4053DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
NLAS4053DT
TSSOP−16*
96 Units / Rail
NLAS4053DTG
TSSOP−16*
96 Units / Rail
NLAS4053DTR2
TSSOP−16*
2500 Tape & Reel
NLAS4053DTR2G
TSSOP−16*
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
v85°C v125°C
VIH
Minimum High−Level Input
Voltage, Address and Inhibit Inputs
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level Input
Voltage, Address and Inhibit Inputs
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
IIN
Maximum Input Leakage Current,
Address or Inhibit Inputs
VIN = 6.0 or GND
0 V to 6.0 V
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND
6.0
4.0
40
80
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25°C v85_C v125_C
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = VEE to VCC
|IS| = 10 mA
(Figures 4 thru 9)
3.0
4.5
3.0
0
0
−3.0
86
37
26
108
46
33
120
55
37
W
DRON
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
VIN = VIL or VIH,
VIS = 2.0 V
VIS = 3.5 V
|IS| = 10 mA,
VIS = 2.0 V
3.0
4.5
3.0
0
0
−3.0
15
13
10
20
18
15
20
18
15
W
Rflat(ON)
COM−NO
On−Resistance Flatness
Vcom 1, 2, 3.5 V
Vcom −2, 0, 2 V
|IS| = 10 mA
4.5
3.0
0
−3.0
4
2
4
2
5
3
W
INC(OFF)
INO(OFF)
Maximum Off−Channel Leakage
Current
Switch Off
VIN = VIL or VIH
VIO = VCC −1.0 V or VEE +1.0 V
(Figure 17)
6.0
3.0
0
−3.0
0.1
0.1
5.0
5.0
100
100
nA
ICOM(ON) Maximum On−Channel Leakage
Current, Channel− to−Channel
Switch On
VIO = VCC −1.0 V or VEE +1.0 V
(Figure 17)
6.0
3.0
0
−3.0
0.1
0.1
5.0
5.0
100
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com