Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor NLAS4053_11 Datasheet HTML 10Page - ON Semiconductor NLAS4053_11 Datasheet HTML 11Page - ON Semiconductor NLAS4053_11 Datasheet HTML 12Page - ON Semiconductor NLAS4053_11 Datasheet HTML 13Page - ON Semiconductor NLAS4053_11 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NLAS4053
http://onsemi.com
11
Off
On
Off
Output
Open
DUT
DVOUT
VCC
GND
VIN
CL
Figure 23. Charge Injection: (Q)
VIN
Output
TYPICAL OPERATION
8
7
16
+3.0 V
8
7
16
+5.0 V
Figure 24. 5.0 Volts Single Supply
VCC = 5.0 V, VEE = 0
Figure 25. Dual Supply
VCC = 3.0 V, VEE = −3.0 V
−3.0 V
VCC
VCC
VEE
GND
VEE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com