Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS4053_11 Datasheet HTML 2Page - ON Semiconductor NLAS4053_11 Datasheet HTML 3Page - ON Semiconductor NLAS4053_11 Datasheet HTML 4Page - ON Semiconductor NLAS4053_11 Datasheet HTML 5Page - ON Semiconductor NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor NLAS4053_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NLAS4053
http://onsemi.com
6
VIS (VDC)
Temperature (°C)
Figure 3. ICC versus Temp, VCC = 3 V and 5 V
−40
60
80
20
0
100
−20
120
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 4. RON versus VCC, Temp = 255C
Figure 5. Typical On Resistance
VCC = 2.0 V, VEE = 0 V
Figure 6. Typical On Resistance
VCC = 3.0 V, VEE = 0 V
Figure 7. Typical On Resistance
VCC = 4.5 V, VEE = 0 V
Figure 8. Typical On Resistance
VCC = 5.5 V, VEE = 0 V
−4.0
4.0
6.0
2.0
0
−2.0
80
60
40
100
20
0
2.0 V
3.0 V
4.5 V
$3.3 V
5.5 V
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
125°C
85°C
25°C
−55°C
VCom (V)
5
10
15
20
25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0
VCom (V)
0
5
10
15
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
125°C
85°C
25°C
−55°C
−55°C
125°C
85°C
25°C
VCom (V)
20
VCom (V)
40
30
20
50
10
0
2.0
1.5
1.0
0.5
125°C
85°C
25°C
−55°C
90
80
70
100
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com