Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS4053 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAS4053
Description  Analog Multiplexer/ Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAS4053_11 Datasheet HTML 6Page - ON Semiconductor NLAS4053_11 Datasheet HTML 7Page - ON Semiconductor NLAS4053_11 Datasheet HTML 8Page - ON Semiconductor NLAS4053_11 Datasheet HTML 9Page - ON Semiconductor NLAS4053_11 Datasheet HTML 10Page - ON Semiconductor NLAS4053_11 Datasheet HTML 11Page - ON Semiconductor NLAS4053_11 Datasheet HTML 12Page - ON Semiconductor NLAS4053_11 Datasheet HTML 13Page - ON Semiconductor NLAS4053_11 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NLAS4053
http://onsemi.com
10
Transmitted
Output
Input
Reference
DUT
50%
50%
10%
10%
0 V
Input
Output
35 pF
Output
Enable
Input
Open
DUT
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
50 W
50 W Generator
50 W
VOUT
VIN
VOUT
VIN
VCC
tON
tOFF
VCC
300 W
VOUT
VCC
VOL
Figure 21. tON/tOFF
Figure 22. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com