Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation PI2061 Datasheet HTML 11Page - Vicor Corporation PI2061 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 8 of 16
Typical Characteristics:
Figure 6: Controller quiescent current vs. temperature.
Figure 7: VC Under-Voltage Rising threshold vs.
temperature
Figure 8: Gate source current vs. temperature
Figure 9: Gate drive voltage to VC vs. temperature.
Figure 10: Low Range Overcurrent Turn-off time vs.
temperature.
Figure 11: Low Range Overcurrent Threshold vs.
temperature.
1.58
1.60
1.62
1.64
1.66
1.68
1.70
1.72
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
7.24
7.26
7.28
7.30
7.32
7.34
7.36
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
-17
-16
-15
-14
-13
-12
-11
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
8.7
8.8
8.9
9.0
9.1
9.2
9.3
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
118
120
122
124
126
128
130
132
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
68.0
68.5
69.0
69.5
70.0
70.5
71.0
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
VVC-SGND=10.5V
IG=2μA
IVC=3mA
VVC-SGND=10.5V
VG=VG-Hi-1V
IVC=3mA
VVC-SGND=10.5V
VSP-SN =0V to 200mV step
VC=SN
VVC-SGND=10.5V
VC=SN
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com