Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2061 Datasheet HTML 1Page - Vicor Corporation PI2061 Datasheet HTML 2Page - Vicor Corporation PI2061 Datasheet HTML 3Page - Vicor Corporation PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 4 of 16
Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, VC=EN=10.5V, CVc =0.1uF, CGATE_PGND =1nF, SGND=PGND
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DIFFERENTIAL AMPLIFIER AND COMPARATORS (continued)
Over Current Range switch over
Threshold
VSOTH
0.5
0.8
1
V
VC-SN
Over Current Range switch over delay(1):
Low to high threshold
TSOL2H
100
170
300
ns
VC-SN= -0.7V~1.7V
Over Current Range switch over delay(1):
High to low threshold
TSOH2L
80
125
190
ns
SN-VC= -1.7V~0.7V
GATE DRIVER
Gate Source Current
IG-SC
-15
-10
µA
VG=VG-Hi-1, IVC=3mA
Pull Down Peak Current to PGND
(1)
IG-PD
1.5
4.0
A
Pull-down Gate Resistance to PGND
(1)
RG-PD
0.3
VG = 1.5V @ 25C
AC Gate Pull-down Voltage to PGND
(1)
VG-PGND
0.2
V
DC Gate Pull-down Voltage
VG-SGND
0.8
1.2
V
IG=100mA, in OC Fault
Gate Drive Voltage to VC
VG-Hi
7.0
8.0
11
V
IG=10μA, IVC=3mA
8.0
9.0
11
V
IG=2μA, IVC=3mA
Gate Fall Time
tG-F
10
25
ns
90% to 10% of VG max.
Gate Voltage @ VC=4.5V
VG-UVLO
0.7
1
V
IG =10µA, SP= SN=open
Enable (EN)
EN Threshold Voltage to VC pin
VVC_EN
0.70
1.35
1.80
V
Disable pull down current
Idis
8
15
22
µA
Fault Status: FT
FT Output Low Voltage
VFT
0.2
0.5
V
IFT=200µA, VC>8.5V
FT Output High Leakage Current
IFT
10
μA
VFT=14V
FT Delay time
TFT-DLY
2.5
5.5
12
µs
VSP-SN = 0~200mV step to 10% of
VFT max, SN=VC
Note 1: These parameters are not production tested but are guaranteed by design, characterization, and correlation with
statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com