Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2061 Datasheet HTML 1Page - Vicor Corporation PI2061 Datasheet HTML 2Page - Vicor Corporation PI2061 Datasheet HTML 3Page - Vicor Corporation PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 1 of 16
PI2061
Cool-Switch® Series
High Side High Voltage Load Disconnect Switch Controller IC
Description
The PI2061 is a high-speed electronic circuit breaker
controller IC designed for use with N-channel MOSFETs in
high side load disconnect switch solutions for medium
voltage applications. The PI2061 Cool-Switch® controller
enables an extremely low power loss solution with fast
dynamic response to an over current fault or EN Low
conditions.
Once enabled, the PI2061 monitors the MOSFET current
through a sense resistor.
If an over current level is
sensed, the switch is quickly latched off to prevent the
power source from being overloaded. Bringing the EN
pin low will reset the over current latch allowing retry. To
avoid false tripping by the in-rush current, the over
current level is approximately doubled during start up,
until SN approaches about 0.8V below VC. The PI2061
has an internal charge pump to drive the gate of a high
side N-Channel MOSFET above the VC input. There is an
internal shunt regulator that regulates the VC input with
respect to the SGND pin for applications higher than 11
volts.
Features
Programmable latching over-current detection
Fast 120ns disconnect response to a load short
Fast disable via EN pin, typically 200ns.
4A gate discharge current
Internal charge pump
Fault status indication
Applications
Telecom System, ≤80V operation & 100V/100ms
Transient
N+1 Redundant Power Systems
Servers & High End Computing
High Side Circuit Breaker and Load Disconnect
Package Information
The PI2061 is offered in the following package:
10 Lead 3mm x 3mm DFN package
Table of Contents:
Pin Description
2
Electrical Specifications
3
Functional Description
5
Block Diagram
6
State Diagram
7
Typical Characteristics Plots
8
Application Information
9
12V Typical Application Example
12
48V Typical application Example
13
Layout Recommendation
14
Package Drawings
15
Ordering Information
15
Typical Application:
Figure 1: PI2061 in High Side Disconnect switch application
Figure 2: PI2061 response time to output short fault condition
Vin
PGND
SN
SGND
PI2061
1
7
0.1µF
4
9
FT
EN
5
RTN
VC
3
RPG
FT
VC
Vout
Iout
D1
RVC
GATE
6
2
SP
RS
D2
Event: Output Short
Vin
Vout
120ns
Over Current detection
MOSFET Turn Off Time
0A
0V
Output Current
Current Trip Level
Not Recommended for New Designs


Similar Part No. - PI2061

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-00-QEIG VICOR-PI2001-00-QEIG Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-00-SOIG VICOR-PI2001-00-SOIG Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
PI2001-EVAL1 Active ORing
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
More results

Similar Description - PI2061

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
HIGH/LOW SIDE LOAD SHARE CONTROLLER
Jul-2003
logo
Vicor Corporation
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
logo
Rohm
BD2062FJ ROHM-BD2062FJ Datasheet
121Kb / 5P
High side switch IC
BD2066FJ ROHM-BD2066FJ Datasheet
141Kb / 5P
High side switch IC
BD2221G ROHM-BD2221G Datasheet
155Kb / 5P
USB High side switch IC
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
High Side Load Switch
logo
Global Mixed-mode Techn...
G5934 GMT-G5934 Datasheet
73Kb / 1P
High Voltage 1.5x Charge Pump with Load Switch Controller
logo
Vicor Corporation
PI2161-EVAL1 VICOR-PI2161-EVAL1 Datasheet
860Kb / 8P
PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
PIR CONTROLLER IC FOR LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com