Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2061 Datasheet HTML 1Page - Vicor Corporation PI2061 Datasheet HTML 2Page - Vicor Corporation PI2061 Datasheet HTML 3Page - Vicor Corporation PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 3 of 16
Absolute Maximum Ratings
Note: All voltage nodes are referenced to SGND
VC
-0.3V to 17.3V / 40mA
SP, SN, FT, EN
-0.3V to 17.3V / 10mA
GATE
-0.3V to 24V / 5A peak
PGND
-0.3V to 3V / 5A peak
SGND
40mA
Storage Temperature
-65
oC to 150oC
Operating Junction Temperature
-40
oC to 140°C
Soldering Temperature for 20 seconds
260°C
ESD Rating
2kV HBM
Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, VC=EN=10.5V, CVc =0.1uF, CGATE_PGND =1nF, SGND=PGND
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VC Supply
Operating Supply Range
VVC-SGND
8.5
10.5
V
No VC limiting Resistor
Quiescent Current
IVC
1.7
2.1
mA
VC = 10.5V, SP=SN=VC
Quiescent Current Start Up
IVCSU
2.0
2.5
3.0
mA
VC = 8.5V, SP=SN=SGND
VC Clamp Voltage
VVC-CLM
11
11.7
12.5
V
IVC=3mA
VC Clamp Series Resistance
RVC
10
Delta IVC=10mA
VC Under-Voltage Rising Threshold
VVCUVR
6.2
7.32
8.5
V
VC Under-Voltage Falling Threshold
VVCUVF
6
7.00
7.9
V
VC Under-Voltage Hysteresis
VVCUV-HS
240
320
400
mV
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
VSGND
VVC +0.3
V
Differential Operating Input Voltage
(1)
VSP-SN
250
mV
SP-SN
SP Input Bias Current
ISP
15
25
35
μA
SP=SN=VC
SN Input Bias Current
ISN
25
37
50
μA
SP=SN=VC
DBST Forward Voltage
VDBST
0.87
1.0
V
ISN=3mA
Low Range Overcurrent Threshold
VOC-THL
63
70
77
mV
VC-SN=0V
Low Range Overcurrent Turn-off Time
TOC-OFF
120
200
ns
VSP-SN = 0V to 200mV step to 90%
of VG max, SN=VC
High Range Overcurrent Threshold
VOC-THH
133
166
200
mV
VC-SN=6V
Overcurrent Hysteresis
(1)
VOC-HY
9
13
17
mV
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com