Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation PI2061 Datasheet HTML 11Page - Vicor Corporation PI2061 Datasheet HTML 12Page - Vicor Corporation PI2061 Datasheet HTML 13Page - Vicor Corporation PI2061 Datasheet HTML 14Page - Vicor Corporation PI2061 Datasheet HTML 15Page - Vicor Corporation PI2061 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 13 of 16
Typical application Example 2:
Requirement:
+48V Load Switch with Enable Function
Bus Voltage = +48V (+36V to +55V)
Maximum Load Current = 5A
Minimum Trip current = 6A
Maximum Ambient Temperature = 60°C
Solution:
PI2061 with a suitable MOSFET should be used and
configured as shown in Figure 16.
Select a suitable N-Channel MOSFET: Select a MOSFET
with voltage rating higher than the input voltage, Vin, plus
any expected transient voltages, with a low RDS(on) that is
capable of supporting the full load current with margin. For
instance, a 100V rated MOSFET with 10A current capability
is suitable. An exemplary MOSFET having these
characteristic is IRF7853PbF from International Rectifier.
From the IRF7853PbF datasheet:
N-Channel MOSFET
VDS= 100V
ID = 8.3A maximum continuous drain current at 25°C
ID-PULSE = 66A pulsed drain current
VGS(MAX) =±20V
RθJA= 50°C/W on 1in
2 copper, t ≤ 10seconds
RθJA for continuous operation not provided
RDS(on)=14.4m typical at VGS=10V, TJ=25°C
RDS(on)=18m maximum at VGS=10V, TJ=25°C
Select Sense Resistor:
Rs power dissipation at maximum operating current
Maximum trip current
Power dissipation:
RDS(on) is 18m maximum at 25°C & 10 VGS and will increase
as the temperature increases.
Add 20°C to maximum
ambient temperature to compensate for the temperature
rise due to power dissipation. At 80°C (60°C + 20°C) RDS(on)
will increase by 40%.
at maximum at 80°C
Maximum Junction temperature
Recalculate maximum RDS(on) at 95°C.
At 95°C RDS(on) will increase by 50%:
at maximum at 95°C
Maximum Junction temperature after 10s
For continuous operation refer the MOSFET datasheet for
RθJA under continuous operation and use in place of
50°C/W.
VC Bias Resistors:
Select 7.5k resistor
Select 10k resistor
Power dissipation of RVC and RPG:
Recommended Schottky: PMEG4005EJ from NXP or
equivalent
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com