Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation PI2061 Datasheet HTML 11Page - Vicor Corporation PI2061 Datasheet HTML 12Page - Vicor Corporation PI2061 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 9 of 16
Application Information
The PI2061 Cool-Switch is a wide input voltage high side
load disconnect switch.
This section describes in detail the procedure to follow
when designing with the PI2061 load disconnect switch.
Biasing sequence Functionality
When Vin is applied and the load is at zero volts, the VC
capacitor will charge via current flowing through RVC, D1,
load resistance and RPG. If the load resistance is much
lower than RPG, most of the charge and bias current flows
through the load.
As VC to SGND voltage rises above the Under-Voltage
Rising Threshold (VVCUVR) while the EN pin is High, the
controller will charge the MOSFET gate and monitor the
voltage across the sense resistor (VSP-SN). As the MOSFET
turns on, the load voltage (Vout) will rise until the MOSFET
is in RDS(on) and Vload=Vin. If the voltage across the sense
resistor (
) is higher than the High Range Overcurrent
Threshold (VOC-THH 166mV) while the load rises, the gate
will be discharged to PGND and latch off; otherwise Vout
will keep rising, D1 becomes reverse biased and the
controller bias current returns to ground through RPG.
When Vout reaches the Over Current Range switch over
threshold, the over current threshold switches to the Low
Range Over Current threshold (VOC-THL 70mV). VC will be
biased from Vout through the SN pin when Vout is a diode
drop (DBST) above VC as the load reaches Vin.
Upper and lower bias resistors should be selected to keep
PI2061 bias voltage in regulation.
Upper Side Bias Resistor selection: RVC
RVC is placed between Vin and VC to limit the current into
the clamp under a shorted load condition. This will allow
VC to regulate with respect to SGND/PDND node when the
MOSFET is in off condition and SGND/PGND node is pulled
low via D1, Rs and low load resistance.
The RVC resistor can be calculated using the following
expression:
And RVC maximum power dissipation is:
Where:
:
Vin minimum voltage (Vin to Rtn)
:
Vin maximum voltage (Vin to Rtn)
: VC maximum clamp voltage, 12.5V
: VC minimum clamp voltage, 11V
:
VC maximum quiescent current at startup,
use 3.0mA
:
D1 voltage drop, use 0.3V
:
0.1mA is added for margin
Lower Side Bias Resistor selection: RPG
RPG is placed between SGND/PGND and return to limit the
clamp current and allow VC regulation when the MOSFET
is in the on condition.
The RPG resistor can be calculated using the following
expression:
And RVC maximum power dissipation is:
Where:
:
Boot Strap diode minimum forward
voltage, use 0.8V
:
Boot Strap diode minimum forward
voltage, use 1.0V
:
VC maximum quiescent current, use
2.1mA
RVC and RPG calculation example
Vin (minimum) = 40V and Vin (maximum) = 50V
Note that in the case of a light load while the PI2061 is
disabled, a voltage will appear at Vout due to the
resistance between the VC pin and the SP and SN pins.
The approximate value will be:
Where:
:
Output load resistance when the load is inactive
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com