Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2061 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2061 Datasheet HTML 1Page - Vicor Corporation PI2061 Datasheet HTML 2Page - Vicor Corporation PI2061 Datasheet HTML 3Page - Vicor Corporation PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 2 of 16
Pin Description
Pin Name
Pin
Number
Description
PGND
1
Gate Driver Switch Return: This pin is the high current return path for the gate driver turn off switch.
Connect this pin to the low side of VC bypass capacitor and SGND.
GATE
2
Gate Drive Output: This pin drives the gate of the external N-channel MOSFET. Under normal
operating conditions, the GATE pin pulls high to approximately 2*VC with respect to SGND pin. The
controller turns the GATE off during an over-current fault that is above the overcurrent voltage
threshold (166mV during power up and 70mV in steady state).
VC
3
Controller Input Supply: This pin is the supply pin for the control circuitry and gate driver. Connect
a 0.1μF capacitor between the VC pin and the SGND pin. Voltage on this pin is regulated to 11.7V
with respect to SGND by an internal shunt regulator. Connect a bias resistor (RVC) between the VC
pin and the supply input as shown in Figure 1.
SGND
4
VC Return: This pin is the return (ground) for the control circuitry. Connect this pin to the low side of
the VC bypass capacitor and high side of the RPG resistor as shown in Figure 1.
EN
5
Enable: Pull this pin low with 8µA or more to disable the gate driver and reset the latch. Tie this pin
to VC if the Enable/disable feature is not used.
SP
6
Positive Sense Input & Clamp: Connect SP pin to the positive side of the sense resistor. The
magnitude of the voltage difference between SP and SN provides an indication of the current
through the sense resistor.
SN
7
Negative Sense Input & Clamp: Connect SN pin to the negative side of the sense resistor. The
magnitude of the voltage difference between SP and SN provides an indication of the load current
through the sense resistor.
NC
8, 10
No Connect: Leave pins unconnected
FT
9
Fault Status Output: This open collector pin transitions to high resistance to indicate a fault. When
the controller input voltage is in under voltage, VC - SGND < 7V this pin is high resistance as well.
When the part is in a normal operating condition and gate driver is enabled this pin is low resistance.
Package Pin-Outs
10 Lead DFN (3mm x 3mm)
Top view
1
2
3
4
5
10
9
8
7
6
GATE
VC
NC
PGND
EN
SGND
SN
NC
FT
SP
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com