Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 4Page - Vicor Corporation PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation PI2126 Datasheet HTML 11Page - Vicor Corporation PI2126 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 8 of 15
Typical Characteristics:
Figure 7: Controller quiescent current (IVC:) vs. temperature.
Figure 8: Drain-to-Source Breakdown Voltage (BVDSS ) vs.
temperature
Figure 9: Reverse Comparator Threshold (VRVS-TH) vs.
temperature
Figure 10: Drain-to-Source On Resistance (RDS(on)) vs.
temperature.
Figure 11: Reverse Fault to MOSFETs Turn-off Time (tRVS) vs.
temperature.
Figure 12: Body Diode Forward Voltage (Vf-BD) vs. temperature.
1.40
1.45
1.50
1.55
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
-9.00
-8.00
-7.00
-6.00
-5.00
-4.00
-3.00
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
87
88
89
90
91
92
93
94
95
-50
-25
0
25
50
75
100 125 150
Junction Temperature [°C]
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
Vf-BD: Body Diode Forward Voltage [V]
IS=10A
VVC-SGND=10.5V
VVC-SGND=10.5V
VSP-SN =+50mV to -50mV step
TJ=150°C
TJ=25°C
ID=2mA
IS=4A
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com