Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 2Page - Vicor Corporation PI2126 Datasheet HTML 3Page - Vicor Corporation PI2126 Datasheet HTML 4Page - Vicor Corporation PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 6 of 15
Figure 4: PI2126 Internal Block Diagram
Figure 5: PI2126 State Diagram.
7.15V
GATE
Gate
Driver
RVS
SN
-
+
+6mV
Hys= -12mV
Differential
Amplifier
+
-
VC
-
+
2X
Charge
Pump
SP 6
11.7V
10
EN
RVS
FWD
+275mV
-
+
14
FWD
FT
D
S
15
1
16 17
FT
5
2
4 3
PG
13
VR 7
VC 8
11
PG
Hys= -25mV
0.1
μF
24
24
23
22
21
20
19
18
D
S
420
Ω
SP-SN > -6mV
: High
Turn MOSFET ON &
Hold it in RDS(on)
VS-PG>4.5V
MOSFET OFF
: Low
MOSFET OFF
: Low
VS
-P
G
<
7.
0V
Turn Off MOSFET
& Pull
Low
SP-SN < +6mV
Fault
Recovery
: Low
Fault Condition
SP-SN >275mV: Open FET, Gate short or open, High Current
FT
FT
FT
: High
FT
FT
FT
VS-PG < 7.15V
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com