Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2126 Datasheet HTML 1Page - Vicor Corporation PI2126 Datasheet HTML 2Page - Vicor Corporation PI2126 Datasheet HTML 3Page - Vicor Corporation PI2126 Datasheet HTML 4Page - Vicor Corporation PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 4 of 15
Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, VS=VC=10.5V,
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
-3
3
V
SP to S and SN to S
Differential Operating Input Voltage
(1)
VSP-SN
-80
400
mV
SP-SN
SP Input Bias Current
ISP
35
55
75
μA
VSP = VSN = VS
SN Input Bias Current
ISN
35
55
75
μA
VSP = VSN = VS
SN Current
ISN
0.2
0.5
mA
VSN = 14V, VSP = VS =VD=0V
Reverse Comparator Threshold
VRVS-TH
-11
-6
-2
mV
VSN = 10.5V @ 25°C
Reverse Comparator Hysteresis
VRVS-HY
10
12
14
mV
VSP-PG = 10.5V @ 25°C
MOSFET Turn On Threshold
VFET-ON
+1
+6
+11
mV
VSN = 10.5V @ 25°C
Reverse Fault to MOSFETs Turn-off
Time
tRVS
90
150
ns
VSP-SN = ± 50mV step
Forward Comparator Threshold
VFWD-TH
250
275
300
mV
Forward Comparator Hysteresis
VFWD-HY
15
25
35
mV
Internal N-Channel MOSFET
Drain-to-Source Breakdown Voltage
BVDSS
30
V
VS=VPG =VSP=0V, ID=2mA ,
Tj=25°C; VSN=10.5V
Source Current Continuous
IS
12
A
In ON state, Tj=25°C
Drain-to-Source On Resistance
RDS(on)
4.5
6
m
In ON state, IS=10A, Tj=25°C,
Body Diode Forward Voltage
Vf-BD
0.75
1.0
V
In OFF state, IS=4A, Tj=25°C
Fault:
Output Low Voltage
0.2
0.5
V
IGST=1.5mA, VC>4.5V
Output High Leakage Current
-1
μA
Delay time
4
8
16
μs
VSP-SN = ± 50mV step to 90% of
max,
Note 1: These parameters are not production tested but are guaranteed by design, characterization, and correlation with
statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Note 3: Thermal resistance characterized on PI2126-EVAL1 evaluation board with 0LFM airflow.
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com