Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2126 Datasheet HTML 1Page - Vicor Corporation PI2126 Datasheet HTML 2Page - Vicor Corporation PI2126 Datasheet HTML 3Page - Vicor Corporation PI2126 Datasheet HTML 4Page - Vicor Corporation PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 1 of 15
PI2126
Series
30 Volt, 12 Amp Full-Function Active ORing Solution
Description
The PI2126 is a complete full-function
Active ORing solution with a high-speed ORing MOSFET
controller and a very low on-state resistance MOSFET
designed for use in 12V Bus redundant power system
architectures. The PI2126 Cool-ORing solution is offered
in an extremely small, thermally enhanced 5mm x 7mm
LGA package and can be used in high side Active ORing
applications. The PI2126 enables extremely low power
loss with fast dynamic response to fault conditions,
critical for high availability systems.
The PI2126, with its 4.5mΩ internal MOSFET provides
very high efficiency and low power loss during steady
state operation. The PI2126 monitors the current
direction in the MOSFET and will respond very fast to a
reverse current due to input power source fault
condition to prevent undesired high current build-up in
the system. The PI2126 provides an active low fault flag
output to the system during reverse current, excessive
forward over-current and UVLO fault conditions.
Features
Integrated High Performance 12A, 4.5mΩ MOSFET
Very small, high density fully-optimized solution with
simple PCB layout
Fast dynamic response to power source failures,
with 90ns reverse current turn-off delay time
Accurate sensing capability to indicate system fault
conditions (-6mV reverse threshold)
Internal charge pump
Fault Status output
Applications
N+1 Redundant Power Systems
Servers & High End Computing
Telecom Systems
High-side Active ORing
Package Information
The PI2126 is offered in the following package:
25-pin 5mm x 7mm thermally enhanced LGA
package, achieving <11°C/W RθJ-PCB
Typical Application:
Figure 1: PI2126 High Side Active ORing
Figure 2: PI2126 response time to an input short fault
condition
VR
PI2126
Vin1
S
D
Vin2
FT
FT
SP
SN
VC
VR
PI2126
S
D
FT
FT
SP
SN
VC
Applied Input Short
Input
Current
V(S) (Input)
V(D) Redundant Bus
90ns
Reverse detection
MOSFET Turn Off Time
0A
0V
Normal operation
Reverse Current
EOL


Similar Part No. - PI2126

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
More results

Similar Description - PI2126

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
PI2123 VICOR-PI2123 Datasheet
1Mb / 20P
15 Volt, 15 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
60 Volt, 12 Amp Full-Function Active ORing Solution
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com