Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation PI2126 Datasheet HTML 11Page - Vicor Corporation PI2126 Datasheet HTML 12Page - Vicor Corporation PI2126 Datasheet HTML 13Page - Vicor Corporation PI2126 Datasheet HTML 14Page - Vicor Corporation PI2126 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 13 of 15
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical land
pattern for the PI2126 is shown in Figure 20:
Make sure to have a solid ground (return) plane to
reduce circuit parasitic inductance.
Connect all S pads together with a wide trace to
reduce trace parasitics to accommodate the high
current input, and also connect all D pads together
with a wide trace to accommodate the high current
output.
Connect the SP pin to the S pins and connect the SN
pin to D pins outside the SiP as shown in Figure 20.
Use 1oz copper or thicker if possible to reduce trace
resistance and power dissipation.
C6 typically is not required, but if addition bypassing is
preferred, Figure 20 shows the appropriate layout for
an extra VC capacitor.
Figure 20: Layout recommendation
SP
SN
S
D
D
D
D
S
S
Vin
Vout
CVC
PI2126
D
D
D
D
S
S
S
S
S
VR
FT
Figure 21: PI2126 Mounted on PI2126-EVAL1
Please visit http://vicorpower.com/picorpower/ for information on PI2122-EVAL1
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com