Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2126 Datasheet HTML 1Page - Vicor Corporation PI2126 Datasheet HTML 2Page - Vicor Corporation PI2126 Datasheet HTML 3Page - Vicor Corporation PI2126 Datasheet HTML 4Page - Vicor Corporation PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 3 of 15
Absolute Maximum Ratings
Note: All voltage nodes are referenced to PG
Drain-to-Source Voltage (VDS)
30V @ 25°C
Source Current (Is) Continuous
12A
Source Current (Is) Pulsed (10μs)
(1)
60A
Single Pulse Avalanche Current (TAV<40μs)
(1)
60A
Source (S), SP,
-0.3V to 17.3V / 10mA
SN
-0.3V to 40V / 4mA
Thermal Resistance RθJA
(3)
46C/W
Thermal Resistance RθJ-PCB
(3)
11C/W
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 140°C
Soldering Temperature for 20 seconds
260°C
ESD Rating
2kV HBM
Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, VS =VC=10.5V,
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Control Circuit Supply (VC to PG)
Operating Supply Range
VVC-PG
8.5
10.5
V
No VC limiting Resistor
Quiescent Current
IVC
1.5
2.0
mA
Normal operation, no fault
Clamp Voltage
VVC-CLM
11
11.7
12.5
V
IS=3mA
Clamp Shunt Resistance
RVC
10
Delta IS=10mA
Under-Voltage Rising Threshold
VVCUVR
6.1
7.15
8.5
V
Under-Voltage Falling Threshold
VVCUVF
6
7.00
7.9
V
Under-Voltage Hysteresis
VVCUV-HS
100
150
200
mV
VR Supply (VR pin connected to Vin, Figure 1)
Operating Supply Range
VVR-PG
10
14
V
Biased From VR pin
Quiescent Current
IVR
10
mA
VR = 14V
Bias Resistor
RBias
300
420
550
Ω
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com