Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2126 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 5Page - Vicor Corporation PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation PI2126 Datasheet HTML 11Page - Vicor Corporation PI2126 Datasheet HTML 12Page - Vicor Corporation PI2126 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 9 of 15
Thermal Characteristics:
Figure 13: Junction Temperature vs. Input Current (0LFM)
Figure 14: Junction Temperature vs. Input Current (200LFM)
Figure 15: PI2126 input current de-rating based on maximum TJ=150°C vs. ambient temperature
Figure 16: Thermal image of PI2126 mounted on PI2126-EVAL1Thermal Image picture, Iout=12A, TA=25°C, Air Flow=0LFM
Note that the MOSFET RDS(on) of PI2126 under test is 4.1mΩ at TA=25°C
0
1
2
3
4
5
6
7
8
9
10 11
12
50
60
70
80
90
100
110
120
130
140
150
Input Current [A]
TA = 100°C
TA = 90°C
TA = 80°C
TA = 70°C
TA = 60°C
TA = 50°C
RDS(on)=6.0mΩ @ 25°C
RθJA = 46°C/W
Air Flow = 0LFM
0
1
2
3
4
5
6
7
8
9
10 11
12
50
60
70
80
90
100
110
120
130
140
150
Input Current [A]
TA = 100°C
TA = 90°C
TA = 80°C
TA = 70°C
TA = 60°C
TA = 50°C
RDS(on)=6.0mΩ @ 25°C
RθJA = 33°C/W
Air Flow = 200LFM
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
7
8
9
10
11
12
13
Ambient Temperature [°C ]
200
LFM
, R
DS(
on
)
=6.0
m
Ω
0LF
M
, R
DS(
on)=4
.5m
Ω
0LF
M,
R
DS(o
n)
=6.0
mΩ
200LFM, RDS(on)=4.5mΩ
RθJA = 46°C/W at 0LFM
RθJA = 33°C/W at 200LFM
PI2126
MOSFET
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com