Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 9Page - Cirrus Logic CS8416-CS Datasheet HTML 10Page - Cirrus Logic CS8416-CS Datasheet HTML 11Page - Cirrus Logic CS8416-CS Datasheet HTML 12Page - Cirrus Logic CS8416-CS Datasheet HTML 13Page - Cirrus Logic CS8416-CS Datasheet HTML 14Page - Cirrus Logic CS8416-CS Datasheet HTML 15Page - Cirrus Logic CS8416-CS Datasheet HTML 16Page - Cirrus Logic CS8416-CS Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
CS8416
DS578PP2
13
4 SERIAL AUDIO OUTPUT PORT
A 3-wire serial audio output port is provided. The
port can be adjusted to suit the attached device set-
ting the control registers. The following parameters
are adjustable: master or slave, serial clock fre-
quency, audio data resolution, left or right justifica-
tion of the data relative to left/right clock, optional
one-bit cell delay of the first data bit, the polarity of
the bit clock, and the polarity of the left/right clock.
By setting the appropriate control bits, many for-
mats are possible.
Figure 8 shows a selection of common output for-
mats, along with the control bit settings. A special
AES3 direct output format is included, which al-
lows the serial output port access to the V, U, and
C bits embedded in the serial audio data stream.
The P bit, which would normally be a parity bit, is
replaced by a Z bit, which is used to indicate the
start of each block. The received channel status
block start signal is also available as the RCBL pin
in hardware mode and through a GPO pin in soft-
ware mode.
In master mode, the left/right clock (OLRCK) and
the serial bit clock (OSCLK) are outputs, derived
from the recovered RMCK clock. In slave mode,
OLRCK and OSCLK are inputs. OLRCK is nor-
mally synchronous to the appropriate master clock,
but OSCLK can be asynchronous and discontinu-
ous if required. By appropriate phasing of OLRCK
and control of the serial clocks, multiple CS8416’s
can share one serial port. OLRCK should be con-
tinuous, but the duty cycle can be less than the
specified typical value of 50% if enough serial
clocks are present in each phase to clock all the data
bits. When in slave mode, the serial audio output
port cannot be set for right-justified data. The
CS8416 allows immediate mute of the serial audio
output port audio data by the MUTESAO bit of
Control Register 1.
4.1
Slip/Repeat Behavior
When using the serial audio output port in slave
mode with an OLRCK input that is asynchronous
to the incoming AES3 data, the interrupt bit OSLIP
(bit 5 in the Interrupt 1 Status register, 0Dh) is pro-
vided to indicate when repeated or dropped sam-
ples occur. Refer to Figure 7 for a AES3 data
format diagram.
When the serial output port is configured as slave,
depending on the relative frequency of OLRCK to
the input AES3 data (Z/X) preamble frequency, the
data will be slipped or repeated at the output of the
CS8416.
After a fixed delay from the Z/X preamble (a few
periods of the internal clock, which is running at
256Fs), the circuit will look back in time until the
previous Z/X preamble:
1) If during that time, the internal data buffer was
not updated, then a slip has occurred. Data from
the previous frame will be output and OSLIP
will be set to 1. Due to the OSLIP bit being
“sticky,” it will remain 1 until the register is
read. It will then be reset until another slip/re-
peat condition occurs.
2) If during that time the internal data buffer did
not update between two positive or negative
edges (depending on OLRPOL) of OLRCK,
then a repeat has occurred. In this case the buff-
er data was updated twice, so the part has lost
one frame of data. This event will also trigger
OSLIP to be set to 1. Due to the OSLIP bit be-
ing “sticky,” it will remain 1 until the register is
read. It will then be reset until another slip/re-
peat condition occurs.
3) If during that time, it did see a positive edge on
OLRCK (or negative edge if the SOLRPOL is
set to 1) then no slip or repeat has happened.
Due to the OSLIP bit being “sticky,” it will re-
main in its previous state until either the regis-
ter is read or a slip/repeat condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com