Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 32Page - Cirrus Logic CS8416-CS Datasheet HTML 33Page - Cirrus Logic CS8416-CS Datasheet HTML 34Page - Cirrus Logic CS8416-CS Datasheet HTML 35Page - Cirrus Logic CS8416-CS Datasheet HTML 36Page - Cirrus Logic CS8416-CS Datasheet HTML 37Page - Cirrus Logic CS8416-CS Datasheet HTML 38Page - Cirrus Logic CS8416-CS Datasheet HTML 39Page - Cirrus Logic CS8416-CS Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
CS8416
36
DS578PP2
RST
9
Reset
(Input)-When RST is low, the CS8416 enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks
are stable in frequency and phase.
AD0/CS
14
Address Bit 0 (I2C) / Control Port Chip Select (SPI)
(Input) - A falling edge on this pin puts the
CS8416 into SPI control port mode. With no falling edge, the CS8416 defaults to I2C mode. In I2C
mode, AD0 is a chip address pin. In SPI mode, CS is used to enable the control port interface on the
CS8416
AD1/CDIN
15
Address Bit 1 (I2C) /SerialControl Data in (SPI)
(Input)- In I2C mode, AD1 is a chip address pin. In
SPI mode, CDIN is the input data line for the control port interface
SCL/CCLK
16
Control Port Clock
(Input) - Serial control interface clock and is used to clock control data bits into and
out of the CS8416.
SDA/
CDOUT
17
Serial Control Data I/O (I2C) / Data Out (SPI)
(Input/Output)- In I2C mode, SDA is the control I/O data
line. SDA is open drain and requires an external pull-up resistor to VL+. In SPI mode, CDOUT is the
output data from the control port interface on the CS8416
AD2/GPO2
18
General Purpose Output 2 (Output)
-Ifusing the I2C control port, this pin must be pulled high or low
througha47k
Ω resistor. See “General Purpose Outputs” on page 22 for GPO functions.
GPO1
19
General Purpose Output 1 (Output)
See “General Purpose Outputs” on page 22 for GPO functions.
GPO0
20
General Purpose Output 0 (Output)
See “General Purpose Outputs” on page 22 for GPO functions.
SDOUT
26
Serial Audio Output Data
(Output) - Audio data serial output pin. This pin must be pulled high to VL+
througha47K
Ω resistor to place the part in Software Mode.
OLRCK
28
Serial Audio Output Left/Right Clock
(Input/Output) - Word rate clock for the audio data on the
SDOUT pin. Frequency will be the output sample rate (Fs)
OSCLK
27
Serial Audio Output Bit Clock
(Input/Output) - Serial bit clock for audio data on the SDOUT pin
OMCK
25
System Clock
(Input) - When the OMCK System Clock Mode is enabled using the SWCLK bit in the
Control 1 register, the clock signal input on this pin is output through RMCK. OMCK serves as
reference signal for OMCK/RMCK ratio expressed in register 24
RMCK
24
Input Section Recovered Master Clock
(Output) - Input section recovered master clock output when
PLL is used. Frequency defaults to 256x the sample rate (Fs) and may be set to 128x. It may also be
tri-stated by the RXD bit in the Control 4 register (04h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com