Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 22Page - Cirrus Logic CS8416-CS Datasheet HTML 23Page - Cirrus Logic CS8416-CS Datasheet HTML 24Page - Cirrus Logic CS8416-CS Datasheet HTML 25Page - Cirrus Logic CS8416-CS Datasheet HTML 26Page - Cirrus Logic CS8416-CS Datasheet HTML 27Page - Cirrus Logic CS8416-CS Datasheet HTML 28Page - Cirrus Logic CS8416-CS Datasheet HTML 29Page - Cirrus Logic CS8416-CS Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
CS8416
26
DS578PP2
INT[1:0] - Interrupt output pin (INT) control
Default = ‘00’
00 - Active high; high output indicates interrupt condition has occurred
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin. Thus it is not recom-
mended to multiplex INT onto GPO2 in I2C control port mode since an external resistor is re-
quired on GPO2 to specify the AD2 bit of the chip address.
11 – Reserved
CHS – Sets which channel's C data is decoded in the Receiver Channel Status register
0 – A channel
1 – B channel
8.3
Control2 (02h)
DETCI – D to E status transfer inhibit
Default = ‘0’
0 – Allow update
1 – Inhibit update
Emph_CNTL[2:0] – De-emphasis filter control
Default = 000
000 – De-emphasis filter off
001 – 32 KHz setting
010 – 44.1 KHz setting
011 – 48 KHz
100 – 50us/15us de-emphasis filter auto-select on. Coefficients(32, 44.1 or 48 KHz or no de-empha-
sis filter at all) match the pre-emphasis and sample frequency indicators in the channel status bits of
Channel A. Thus it is impossible to have de-emphasis applied to one channel but not the other. Also
it turns off the de-emphasis filter if the audio data is detected to be non-linear data.
GPO0SEL[3:0] – GPO0 Source select. See GPO section in main text for settings table.
Default = 0000
8.4
Control3 (03h)
76
5432
10
DETCI
EMPH_CNTL2 EMPH_CNTL1 EMPH_CNTL0
GPO0SEL3
GPO0SEL2
GPO0SEL1
GPO0SEL0
7
6
5
43210
GPO1SEL3
GPO1SEL2
GPO1SEL1
GPO1SEL0
GPO2SEL3
GPO2SEL2
GPO2SEL1
GPO2SEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com