Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 25Page - Cirrus Logic CS8416-CS Datasheet HTML 26Page - Cirrus Logic CS8416-CS Datasheet HTML 27Page - Cirrus Logic CS8416-CS Datasheet HTML 28Page - Cirrus Logic CS8416-CS Datasheet HTML 29Page - Cirrus Logic CS8416-CS Datasheet HTML 30Page - Cirrus Logic CS8416-CS Datasheet HTML 31Page - Cirrus Logic CS8416-CS Datasheet HTML 32Page - Cirrus Logic CS8416-CS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
CS8416
DS578PP2
29
8.7
Receiver Error Mask (06h)
The bits in this register serve as masks for the corresponding bits of the Receiver Error Register. If a
mask bit is set to 1, the error is unmasked, meaning that its occurrence will appear in the receiver
error register, will affect the RERR pin, will affect the RERR interrupt, and will affect the current audio
sample according to the status of the HOLD bit. If a mask bit is set to 0, the error is masked, meaning
that its occurrence will not appear in the receiver error register, will not affect the RERR pin, will not
affect the RERR interrupt, and will not affect the current audio sample. The CCRC and QCRC bits
behave differently from the other bits: they do not affect the current audio sample even when un-
masked. This register defaults to 00h.
8.8
Interrupt Mask (07h)
The bits of this register serve as a mask for the Interrupt Status register.Ifa mask bitisset to 1, the
error is unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask
bit is set to 0, the error is masked, meaning that its occurrence will not affect the internal INT signal
or the status register. The bit positions align with the corresponding bits in Interrupt Status register.
This register defaults to 00h.
The INT signal may be selected to appear on the GPO pins.
8.9
Interrupt Mode MSB (08h) and Interrupt Mode LSB(09h)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Status register function. There
are three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge
active mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge
active mode, the INT pin becomes active on the removal of the interrupt condition. In Level active
mode, the INT interrupt pin becomes active during the interrupt condition. Be aware that the active
level(Active High or Low) only depends on the INT[1:0] bits. These registers default to 00h.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
76
5432
10
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
76
5432
10
0
PCCHM
OSLIPM
DETCM
CCHM
RERRM
QCHM
FCHM
76
5432
10
0
PCCH1
OSLIP1
DETC1
CCH1
RERR1
QCH1
FCH1
0
PCCH0
OSLIP0
DETC0
CCH0
RERR0
QCH0
FCH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com