Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 15Page - Cirrus Logic CS8416-CS Datasheet HTML 16Page - Cirrus Logic CS8416-CS Datasheet HTML 17Page - Cirrus Logic CS8416-CS Datasheet HTML 18Page - Cirrus Logic CS8416-CS Datasheet HTML 19Page - Cirrus Logic CS8416-CS Datasheet HTML 20Page - Cirrus Logic CS8416-CS Datasheet HTML 21Page - Cirrus Logic CS8416-CS Datasheet HTML 22Page - Cirrus Logic CS8416-CS Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
CS8416
DS578PP2
19
autodetect software used in Cirrus Logic DSPs. If
the AES3 stream contains sync codes in the proper
format for IEC61937 or DTS data transmission, an
internal AUTODETECT signal will be asserted. If
the sync codes no longer appear after a certain
amount of time, autodetection will time-out and
AUTODETECT will be de-asserted until another
format is detected. In Hardware Mode, the AUDIO
pin is the logical OR of AUTODETECT and the re-
ceived channel status bit 1. In Software mode the
AUDIO pin is available through the GPO pins. Al-
so, the specific data or audio format found by the
autodetect module is available in register 0Bh. Ad-
ditionally, the Pc/Pd burst preambles are available
in registers 23h-26h. If non-audio data is detected,
the data is still processed exactly as if it were nor-
mal audio. The exception is the use of de-emphasis
auto-select feature which will bypass the de-em-
phasis filter if the input stream is detected to be
non-audio. It is up to the user to mute the outputs as
required.
RCBL
out
VLRCK
C, U
Output
RCBL goes high 2 frames after receipt of a Z pre-amble, and is high for 16 frames.
VLRCK is a virtual word clock, available through GPO pins, that can used to frame the C/U ouput.
VLRCK duty cycle is 50%. VLRCK frequency is always equal to the incoming frame rate.
If the serial audio output port is in master mode, VLRCK = OLRCK.
C, U transitions are aligned within 1% of VLRCK period to VLRCK edges
±
Figure 9. C/U data outputs
Figure 10. De-emphasis filter
F2
F1
-10
3.183
Frequency,
KHz
T1 =
50us
0
10.61
Gain,
dB
T2
=15us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com