Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 40Page - Cirrus Logic CS8416-CS Datasheet HTML 41Page - Cirrus Logic CS8416-CS Datasheet HTML 42Page - Cirrus Logic CS8416-CS Datasheet HTML 43Page - Cirrus Logic CS8416-CS Datasheet HTML 44Page - Cirrus Logic CS8416-CS Datasheet HTML 45Page - Cirrus Logic CS8416-CS Datasheet HTML 46Page - Cirrus Logic CS8416-CS Datasheet HTML 47Page - Cirrus Logic CS8416-CS Datasheet HTML 48Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
CS8416
DS578PP2
47
15 APPENDIX B: CHANNEL STATUS
BUFFER MANAGEMENT
15.1
AES3 Channel Status (C) Bit
Management
The CS8416 contains sufficient RAM to store the
first 5 bytes of C data for both A and B channels
(5 x 2 x 8 = 80 bits). The user may read from this
buffer’s RAM through the control port.
The buffering scheme involves 2 80-bit buffers,
named D and E, as shown in Figure 19. The MSB
of each byte represents the first bit in the serial C
data stream. For example, the MSB of byte 0
(which is at control port address 32) is the consum-
er/professional bit for channel status block A.
The first buffer (D) accepts incoming C data from
the AES receiver. The 2nd buffer (E) accepts entire
blocks of data from the D buffer. The E buffer is
also accessible from the control port, allowing
reading of the C data.
15.2
Accessing the E buffer
The user can monitor the incoming data by reading
the E buffer, which is mapped into the register
space of the CS8416, through the control port.
The user can configure the interrupt enable register
to cause interrupts to occur whenever D to E buffer
transfers occur. This allows determination of the al-
lowable time periods to interact with the E buffer.
Also provided is a D to E inhibit bit. This may be
used whenever “long” control port interactions are
occurring.
A flowchart for reading the E buffer is shown in
Figure 20. Since a D to E interrupt just occurred af-
ter reading, there is a substantial time interval until
the next D to E transfer (approximately 192 frames
worth of time). This is usually plenty of time to ac-
cess the E data without having to inhibit the next
transfer.
15.2.1
Serial Copy Management System
(SCMS)
In software mode, the CS8416 allows read access
to all the channel status bits. For consumer mode
SCMS compliance, the host microcontroller needs
to read and interpret the Category Code, Copy bit
and L bit appropriately.
In hardware mode, the SCMS protocol can be fol-
lowedbyeither usingthe COPY andORIGoutput
pins, or by using the C bit serial output pin. These
options are documented in the hardware mode sec-
tion of this data sheet.
Control Port
From
AES3
Receiver
E
24
words
8-bits
8-bits
AB
D
Received
Data
Buffer
Figure 19. Channel Status Data Buffer Structure
D to E interrupt occurs
Optionally set D to E inhibit
Read E data
If set, clear D to E inhibit
Return
Figure 20. Flowchart for Reading the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com