Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CS Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8416-CS
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CS Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8416-CS Datasheet HTML 35Page - Cirrus Logic CS8416-CS Datasheet HTML 36Page - Cirrus Logic CS8416-CS Datasheet HTML 37Page - Cirrus Logic CS8416-CS Datasheet HTML 38Page - Cirrus Logic CS8416-CS Datasheet HTML 39Page - Cirrus Logic CS8416-CS Datasheet HTML 40Page - Cirrus Logic CS8416-CS Datasheet HTML 41Page - Cirrus Logic CS8416-CS Datasheet HTML 42Page - Cirrus Logic CS8416-CS Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
CS8416
DS578PP2
39
AUDIO
15
Audio Channel Status Bit(output) –
When low, a valid linear PCM audio stream is indicated.
96KHZ
16
96 khz Sample Rate Detect(output)
- if input sample rate is
≤ 48 KHz, ouputs a “0”. Outputs a “1” if
thesamplerateis
≥ 88.1 KHz. Otherwise output indeterminate.
RCBL
17
Receiver Channel Status Block
(Output) -Indicates the beginning of a received channel status
block. RCBL goes high two frames after the reception of a Z preamble, remains high for 16 frames
and then returns low for the remainder of the block. RCBL changes on rising edges of RMCK.
U
18
User Data
(Output) - Outputs user data from the AES3 receiver, clocked by the rising and falling
edges of OLRCK.
C
19
Channel Status Data
(Output) - Outputs channel status data from the AES3 receiver, clocked by the
ris ing and falling edges of OLRCK.
TX
20
S/PDIF MUX Pass through
(Output)
SDOUT
26
Serial Audio Output Data
(Output) - Audio data serial output pin. This pin must be pulled to low to
DGND through a 47 K
Ω resistor.
OLRCK
28
Serial Audio Output Left/Right Clock
(Input/Output) - Word rate clock for the audio data on the
SDOUT pin. Frequency will be the output sample rate (Fs).
OSCLK
27
Serial Audio Output Bit Clock
(Input/Output) - Serial bit clock for audio data on the SDOUT pin.
OMCK
25
System Clock
(Input) - When the OMCK System Clock Mode is enabled using the SWCLK bit in the
Control 1 register, the clock signal input on this pin is output through RMCK. OMCK serves as
reference signal for OMCK/RMCK ratio expressed in register 24
RMCK
24
Recovered Master Clock
(Output) - Recovered master clock output when PLL is locked to the
incoming AES3 stream. Frequency is 128/256x the sample rate (Fs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com