Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
33
Version: DM9161-DS-F02
May 10,2002
9.3 DC Electrical Characteristics
(DVDD = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
(TXD0~TXD3, TXCLK, MDC, MDIO, TXEN, TXER, RXEN, TESTMODE, RMII, PHYAD0~4, OPMODE0-2, RPTR,
BP4B5B, RESET# )
VIL
Input Low Voltage
---
---
0.8
V
VIH
Input High Voltage
2.0
---
---
V
IIL
Input Low Leakage Current
---
---
10
uA
VIN = 0.4V
IIH
Input High Leakage Current
---
---
-10
uA
VIN = 2.7V
MII TTL Outputs
( RXD0-RXD3, RXDV, RXER, CRS, COL, MDIO)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -4mA
Non-MII TTL Outputs
(LINKLED#, SPEEDLED#, FDXLED#, MDINTR#)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 2mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -2mA
Receiver
VICM
RX+/RX- Common mode Input Voltage
---
1.2
---
V
100
Ω Termination Across
Transmitter
VTD100
100TX+/- Differential Output Voltage
1.9
2.0
2.1
V
Peak to Peak
ITD100
100TX+/- Differential Output Current
│19││20││21│
mA
9.4 AC Electrical Characteristics & Timing Waveforms
9.4.1 TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
---
5.0
ns
tTM
100TX+/- Differential Rise/Fall Time Mismatch
0
---
0.5
ns
tTDC
100TX+/- Differential Output Duty Cycle
Distortion
0---
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-Peak Jitter
0
---
1.4
ns
XOST
100TX+/- Differential Voltage Overshoot
0
---
5
%
9.4.2 Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tCKC
OSC Cycle Time
39.998
40
40.002
ns
50ppm
tPWH
OSC Pulse Width High
16
20
24
ns
tPWL
OSC Pulse Width Low
16
20
24
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com