Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
41
Version: DM9161-DS-F02
May 10,2002
Figure 10-2
DM9161
RX+
RX-
TX+
TX-
BGRES
BGRESG
Transformer
RJ45
3
6
8
1
4
5
2
7
1:1
1.25:1
75Ω
1%
75Ω
1%
75Ω
1%
75Ω
1%
AVDD
0.1µ F
0.1µ F
0.1µ F
0.1µ F
0.1µ F/2KV or 0.01µ F/2KV
Chasis GND
8.5KΩ, 1%
78Ω
1%
78Ω
1%
50Ω
1%
50Ω
1%
AVDD
AGND
AGND
AGND
AGND
48
47
8
7
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com