Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
12
Final
Version: DM9161-DS-F02
May 10,2002
7. Functional Description
The DM9161 Fast Ethernet single chip transceiver, providing
the functionality as specified in IEEE 802.3u, integrates a
complete 100Base-TX module and a complete 10Base-T
module. The DM9161 provides a Media Independent
Interface (MII) as defined in the IEEE 802.3u standard
(Clause 22).
The DM9161 performs all PCS (Physical Coding Sublayer),
PMA (Physical Media Access), TP-PMD (Twisted Pair
Physical
Medium
Dependent)
sublayer,
10Base-T
Encoder/Decoder, and Twisted Pair Media Access Unit
(TPMAU) functions. Figure 1 shows the major functional
blocks implemented in the DM9161.
MII Interface
100Base-TX
Transmitter
100Base-TX
Receiver
10Base-T
Tranceiver
Carrier
Sense
Collision
Detection
Auto
Negotiation
MII Serial
Management
Interface
Figure 7-1
7.1 MII Interface
The DM 9161 provides a Media Independent Interface (MII)
as defined in the IEEE 802.3u standard (Clause 22).
The purpose of the MII interface is to provide a simple, easy
to implement connection between the MAC Reconciliation
layer and the PHY. The MII is designed to make the
differences between various media transparent to the MAC
sublayer.
The MII consists of a nibble wide receive data bus, a nibble
wide transmit data bus, and control signals to facilitate data
transfers between the PHY and the Reconciliation layer.
•
TXD (transmit data) is a nibble (4 bits) of data that are
driven by the reconciliation sublayer synchronously with
respect to TXCLK. For each TXCLK period, which
TXEN is asserted, TXD (3:0) are accepted for
transmission by the PHY.
•
TXCLK (transmit clock) output to the MAC reconciliation
sublayer is a continuous clock that provides the timing
reference for the transfer of the TXEN, TXD, and TXER
signals.
•
TXEN (transmit enable) input from the MAC
reconciliation sublayer indicates that nibbles are being
presented on the MII for transmission on the physical
medium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com