Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 47Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
45
Version: DM9161-DS-F02
May 10,2002
10.7 Magnetics Selection Guide
Refer to Table 10-2 for transformer requirements.
Transformers meeting these requirements are available
from a variety of magnetic manufacturers. Designers should
test and qualify all magnetics before using them in an
application. The transformers listed in Table 10-2 are
electrical equivalents, but may not be pin-to-pin equivalents.
Manufacturer
Part Number
Pulse Engineering
PE-68515, H1078, H1012 , H1102
Delta
LF8200, LF8221X
YCL
20PMT04, 20PMT05
Halo
TG22-3506ND, TD22-3506G1, TG22-S010ND
TG22-S012ND
Nano Pulse Inc.
NPI 6181-37, NPI 6120-30, NPI 6120-37
NPI 6170-30
Fil-Mag
PT41715
Bel Fuse
S558-5999-01
Valor
ST6114, ST6118
Macronics
HS2123, HS2213
Table 10-2
10.8 Crystal Selection Guide
A crystal can be used to generate the 25MHz reference
clock instead of an oscillator. The crystal must be a
fundamental type, series-resonant, connected to XT1 and
XT2, and shunt to ground with 22pF capacitors. (See Figure
6.)
Figure 10-6
Crystal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com