Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
11
Version: DM9161-DS-F02
May 10,2002
6. LED Configuration
LEDs flash once per 500ms after power-on reset or
software reset by writing PHY register. All LED pins
are dual function pins, which can be configured as
either active high or low by pulling them low or high
accordingly. If the pin is pulled high, the LED is active
low after reset. Likewise, if the pin is pulled low, the
LED is active high.
DVDD
10K Ohm
DM9161
300 Ohm
Pull Low for
Reset
10K Ohm
300 Ohm
Pull High for
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com