Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
9
Version: DM9161-DS-F02
May 10,2002
14
CABLESTS
/LINKSTS
O,
LI
(D)
Cable Status or Link Status
This pin is used to indicate the status of the cable connection when power
up reset latch low (Default)
0 = Without cable connection
1 = With cable connection
This pin is used to indicate the status of the Link connection when power
up reset latch high
0 = Without link
1 = With link
5.5 Bias and Clock, 4 pins
Pin No.
Pin Name
I/O
Description
47
BGRESG
P
Bandgap Ground
48
BGRES
O Bandgap Voltage Reference Resistor 6.8K ohm
42
XT2
I/O Crystal Output; REF_CLK input for RMII mode
43
XT1
I
Crystal Input
5.6 Power, 13 pins
Pin No.
Pin Name
I/O
Description
1,2
AVDD
P
Analog Receive Power
9
AVDD
P
Analog Transmit Power
5
AGND
P
Analog Receive Ground
6
AGND
P
Analog Transmit Ground
46
AGND
P
Analog Substrate Ground
23,30,39,41
DVDD
P
Digital Power
15,33,44
DGND
P
Digital Ground
5.7 Table A
OP2
OP1
OP0
Function
0
0
0
Dual Speed 100/10 HDX
0
01
Reserved
0
1
0
Reserved
0
1
1
Manually Select 10TX HDX
1
00
Manually Select 10TX FDX
1
0
1
Manually Select 100TX HDX
1
10
Manually Select 100TX FDX
1
1
1
Auto-negotiation Enables All Capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com