Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
20
Final
Version: DM9161-DS-F02
May 10,2002
7.2.11 Power Reduced Mode
The Signal detect circuit is always turned on to monitor
whether there is any signal on the media. In case of cable
disconnection,, DM9161 will automatically turn off the power
and enter the Power Reduced mode, regardless of its
operation mode being N-way auto-negotiation or forced
mode. While in
the Power Reduced mode, the transmit
circuit will continue sending out fast link pules with minimum
power consumption. If a valid signal is detected from the
media, which might be N-way fast link pules, 10Base-T
normal link pules, or 100Base-TX MLT3 signals, the device
wakes up and resumes normal operation mode.
Automatic reduced power down mode can be disabled by
writing Zero to Reg.16.4.
7.2.12 Power Down Mode
Power Down mode is entered by setting Reg.0.11 to ONE or
pulling PWRDWN pin high, which disables all transmit and
receive functions, and MII interface functions except the
MDC/MDIO management interface.
7.2.13 Reduced Transmit Power Mode
Additional transmit power reduction can be gained by
designing with 1.25:1 turns ration magnetic on its TX side
and using a 8.5KΩ resistor on BGRES and BGRESG pins,
and the TX+/TX- pulled high resistors being changed from
50Ω to 78Ω. This configuration could reduce about 20% of
transmit power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com