Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 22Page - National Semiconductor (TI) PC87427 Datasheet HTML 23Page - National Semiconductor (TI) PC87427 Datasheet HTML 24Page - National Semiconductor (TI) PC87427 Datasheet HTML 25Page - National Semiconductor (TI) PC87427 Datasheet HTML 26Page - National Semiconductor (TI) PC87427 Datasheet HTML 27Page - National Semiconductor (TI) PC87427 Datasheet HTML 28Page - National Semiconductor (TI) PC87427 Datasheet HTML 29Page - National Semiconductor (TI) PC87427 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
26
Revision 1.0
2.4
PACKAGE THERMAL INFORMATION
Thermal resistance (degrees C/W) ThetaJC and ThetaJA values for the PC87427 package are as follows:
Table 4. Theta (
Θ) J Values
Note: Airflow for ThetaJA values is measured in linear feet per minute (lfpm).
2.5
AC ELECTRICAL CHARACTERISTICS
2.5.1
AC Test Conditions
Figure 3. AC Test Conditions, TA =0°Cto70°C, VSUP = 3.3V ±10%
Notes:
1. VSUP is VDD, VSB or VPP according to the pin power well.
1. CL = 50 pF for all output pins except the following pin groups:
CL = 100 pF for Serial Port 1, 2 and M (see Section 1.4.4 on page 10) and
Floppy Disk Controller (see Section 1.4.9) pins;
CL = 40 pF for HFCKOUT pin;
CL = 400 pF for SMBus pins (see Section 1.4.2 on page 9);
These values include both jig and oscilloscope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VSUP for high impedance to active low and active low to high impedance transition measurements.
S1 = GND for high impedance to active high and active high to high impedance transition measurements.
RL = 1.0 KΩ for all the pins.
3. For the FDC open-drain interface pins, S1 = VDD and RL = 150 Ω.
Package Type
ThetaJA@0 lfpm ThetaJA@225 lfpm ThetaJA@500 lfpm
ThetaJC
128 PQFP
47
35.8
31.1
14.9
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit
AC Testing Input, Output Waveform
VSUP
2.4
0.4
2.0
0.8
Test Points
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com