Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) PC87427 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.0
13
www.national.com
1.4.8
General-Purpose I/O (GPIO)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIO00
124
I/O
INPCI/OPCI
VSB
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type. The GPIOEnn
pins have event detection capability.
GPIO01-04
125-128
I/O
INTS/O14/14
VSB
GPIO05
82
I/O
INTS/O3/6
VSB
GPIO06
10
I/O
INTS/O3/6
VSB
GPIO07
13
I/O
INTS/O14/14
VSB
GPIOE10,
GPIOE12-15
1, 3-6
I/O
INTS/O3/6
VSB
109,
106-103
INTS/O14/14
GPIOE11
2
I/O
INTS/O3/6
VSB
107
INTS/O3/6
GPIOE16-17
7-8
I/O
INTS/O3/6
VSB
GPIO20
14
I/O
INTS/O6/12
VSB
GPIO21
15
I/O
INTS/O14/14
VSB
GPIO22-23
16-17
I/O
INTS/O3/6
VSB
GPO24
18
O
O3/6
VSB
General-Purpose Output Port.
GPIO25-27
19, 83, 37 I/O
INTS/O3/6
VSB
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type. The GPIOEnn
pins have event detection capability.
GPIO37,35-31
31,29-25
I/O
INTS/O4/8
VSB
71, 73-
74, 64-62
INTS/O6/12
VDD
GPIO36,30
30, 24
I/O
INTS/O4/8
VSB
72, 61
INTS/O3/6
VDD
GPIOE40-44
21-22,
35, 49, 38
I/O
INTS/O3/6
VSB
GPIOE45
51
I/O
INTS/O14/14
VSB
GPIOE46-47
20, 32
I/O
INTS/O3/6
VSB
GPIO50-52
85-87
I/O
INTS/O14/14
VSB
GPO53
91
O
O3/6
VSB
General-Purpose Output Port.
GPIO54
90
I/O
INTS/O3/6
VSB
General-Purpose I/O Port. The pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type.
GPO55
89
O
O3/6
VSB
General-Purpose Output Port.
GPIO56-57
80-79
I/O
INTS/O14/14
VSB
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type. The GPIOEnn
pins have event detection capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com