Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) PC87427 Datasheet HTML 17Page - National Semiconductor (TI) PC87427 Datasheet HTML 18Page - National Semiconductor (TI) PC87427 Datasheet HTML 19Page - National Semiconductor (TI) PC87427 Datasheet HTML 20Page - National Semiconductor (TI) PC87427 Datasheet HTML 21Page - National Semiconductor (TI) PC87427 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
18
Revision 1.0
1.4.15 Power and Ground
1.5
INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 3 have internal pull-up (PU) and/or pull-down (PD) resistors. The internal resistors are optional
for those signals indicated as “Programmable”. See Section 2.3 on page 25 for the values of each resistor type.
Signal
Pin(s)
I/O Buffer Type
Description
VSS
11, 43, 68,
93, 115
I
GND
Ground. Serves for both on-chip logic, output drivers and back-up battery
circuit.
VDD
69, 116
I
PWR
Digital 3.3V Power Supply. Serves as power supply for the legacy
peripherals and the LPC Interface.
VSB
12, 40, 92
I
PWR
Standby Digital 3.3V Power Supply. Used for the SMBus and X-Bus
interfaces, the GPIO ports and the clock generator. When active, it also
powers the RTC and the SWC.
VCORF
70
I/O
PWR
On-Chip Core Power Converter Filter. Used by the on-chip core power
converter which powers the core logic of all the device modules. An external
1
µF ceramic filter capacitor must be connected between this pin and V
SS.
VBAT
41
I
INULR
Battery Power Supply. When VSB is off, this supply provides battery back-up
to the SWC registers, the RTC and the 32 KHz crystal oscillator. The pin is
connected to the internal logic through a series resistor for UL-compliant
protection.
Table 3. Internal Pull-Up and Pull-Down Resistors
Signal
Pin(s)
Power Well
Type
Comments
Keyboard and Mouse Controller (KBC)
P12, P16, P17
121, 75, 66
VDD
PU30
SMBus (SMB) Interface
SMBCLK
47
VSB
PU30
Programmable1
SMBDAT
46
VSB
PU30
Programmable1
SMBALERT35
VSB
PU30
Programmable1
Health Monitoring and Control (HMC)
LMPCIF
82
VSB
PU1K25
Programmable2
THRMTRIP1,
THRMTRIP2
21,
22
VDD
PU30
VRMTHRM
83
VDD
PU30
System Wake-Up Control (SWC)
PWBTIN
36
VSB
PU30
SLBTIN
35
VSB
PU30
PWBTOUT
49
VSB
PU30
Note 3
SIOSMI
37
VSB
PU30
SIOSCI
38
VSB
PU30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com