Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) PC87427 Datasheet HTML 43Page - National Semiconductor (TI) PC87427 Datasheet HTML 44Page - National Semiconductor (TI) PC87427 Datasheet HTML 45Page - National Semiconductor (TI) PC87427 Datasheet HTML 46Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
44
Revision 1.0
Crowbar
Figure 20. Power-On Crowbar Timing
Figure 21. Power-Fall Crowbar Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
tCBTO
20, 21
Crowbar Timeout1
1. Not tested. Guaranteed by design.
After ONCTL active, or VDD
power fall
0.5 s2
2. Set by CRBAR_TOUT.
20 s2
tCBPBO
20, 21
Crowbar generated,
PWBTOUT pulse time1
After completion of Crowbar
Timeout
4 s
4.25 s
tPBID
20, 21
PWBTIN disable time1
After a Power-Off event
1 s
1.25 s
tCBTO
PWBTIN
PWBTOUT
ONCTL
VDD (Power)
tCBPBO
tPBID
tCBTO
PWBTIN
PWBTOUT
ONCTL
VDD (Power)
tCBPBO
tPBID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com