Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
12
Revision 1.0
1.4.6
Health Monitoring & Control (HMC)
1.4.7
Keyboard and Mouse Controller (KBC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
LMPCIF
82
I/O
INSM/OD6
VSB
LMPC Sensor Interface. Bidirectional, SensortPath
proprietary interface signal to LMPC sensor device(s). An
internal pull-up for this pin is optional.
THRMTRIP1-2
21, 22
I
INTS
VDD
Thermal Trip Inputs. Indicates that a thermal trip from a CPU
occurred.
VRMTHRM
83
I
INTS
VDD
VRM Thermal Warning. Thermal warning from a VRM of a
CPU.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
KBCLK
125
I/O
INTS/OD14
VDD
Keyboard Clock. Keyboard clock signal. An external pull-up
resistor is required for PS/2 compliance. This pin is monitored
during VDD power-off for wake-up event detection.
KBDAT
126
I/O
INTS/OD14
VDD
Keyboard Data. Keyboard data signal. An external pull-up resistor
is required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
MCLK
127
I/O
INTS/OD14
VDD
Mouse Clock. Mouse clock signal. An external pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
MDAT
128
I/O
INTS/OD14
VDD
Mouse Data. Mouse data signal. An external pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
KBRST
122
I/O
INT/OD8,
O4/8
VDD
KBD Reset. Keyboard reset (P20) quasi-bidirectional signal.
GA20
123
I/O
INT/OD8,
O4/8
VDD
Gate A20. KBC gate A20 (P21) quasi-bidirectional signal.
P12
121
I/O
INT/OD8,
O4/8
VDD
I/O Port. KBC quasi-bidirectional signal for general-purpose input
and output (controlled by KBC firmware).
P16, P17
75, 66
I/O
INT/OD8,
O4/8
VDD
I/O Port. KBC quasi-bidirectional signal for general-purpose input
and output (controlled by KBC firmware).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com