Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) PC87427 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
39
www.national.com
2.5.8
FDC Timing
FDC Write Data Timing
tDRP tICP tWDW Values
FDC Drive Control Timing
Symbol
Parameter
Min
Max
Unit
tHDH
HDSEL Hold from WGATE Inactive1
1. Not tested. Guaranteed by design.
100
µs
tHDS
HDSEL Setup to WGATE Active1
100
µs
tWDW
Write Data Pulse Width1
See tDRP,tICP and tWDW values in table below
Data Rate
tDRP
tICP
tICP Nominal
tWDW
tWDW Minimum
Unit
1 Mbps
1000
6xtCP
1
1. tCP is the clock period defined for CLKIN in Clock Timing on page 30.
125
2 x tICP
250
ns
500 Kbps
2000
6xtCP
1
125
2 x tICP
250
ns
300 Kbps
3333
10 x tCP
1
208
2 x tICP
375
ns
250 Kbps
4000
12 x tCP
1
250
2 x tICP
500
ns
Symbol
Parameter
Min
Max
Unit
tDST
DIR Setup to STEP Active1
1. Not tested. Guaranteed by design.
6
µs
tIW
Index Pulse Width
100
ns
tSTD
DIR Hold from STEP Inactive
tSTR
ms
tSTP
STEP Active High Pulse Width1
8
µs
tSTR
STEP Rate Time1
0.5
ms
tHDS
tHDH
tWDW
HDSEL
WGATE
WDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com