Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87427 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87427 Datasheet HTML 1Page - National Semiconductor (TI) PC87427 Datasheet HTML 2Page - National Semiconductor (TI) PC87427 Datasheet HTML 3Page - National Semiconductor (TI) PC87427 Datasheet HTML 4Page - National Semiconductor (TI) PC87427 Datasheet HTML 5Page - National Semiconductor (TI) PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
www.national.com
2
Revision 1.0
Features
System Health Support
s
SensorPath interface to sensors optimizes digital/ana-
log partitioning
— Simplifies board design and routing
— Supports distributed sensors and centralized control
— Off-loads SMBus, faster boot time
s
Fan Monitor and Control (FMC)
— Four PWM-based fan controls
— Eight 16-bit resolution tachometer inputs
— Software or local temperature feedback control
s
Chassis intrusion detection
Bus Interfaces
s
LPC Bus Interface
— Based on Intel’s LPC Interface Specification Revi-
sion 1.0, September 29, 1997
— Synchronous cycles using up to 33 MHz bus clock
— 8-bit I/O and 8-bit Memory read and write cycles
— Up to four 8-bit DMA channels
— Serial IRQ
— Supports bootable memory
— Supports LPC and FWH boot transactions
— Supports registers memory and I/O mapping
s
SMBus Interface
— Compliant with SMBus Specification Revision 2.0,
August 3, 2000
— Enables a system controller to access the internal
functions and the fast X-Bus extension
— Proprietary commands for read/write byte from/to:
❏
Internal register
❏
X-Bus I/O device
❏
X-Bus memory device
— Slave address:
❏
One of two values selected by strap
❏
Programmable through the LPC bus
❏
VBAT backed-up
— Supports SMBALERT
— Concurrent access with the LPC bus
— VSB powered
— Optional internal pull-up on the two SMBus pins
s
Fast X-Bus Extension
— Supports I/O and memory read/write operations
— 8- or 16-bit data bus, 28-bit addressing
— Accessible from both LPC bus and SMBus
— VSB powered
— Boot configuration selected by straps
— Programmable protection control for access from the
LPC bus
— Supports three XIRQ external interrupts
— Multiplexed address-data lines:
❏
Four direct address lines
❏
Partial non-multiplexed option
— Four chip-select outputs, each supporting multiple
zones:
❏
Two BIOS memory zones (up to 32 Mbytes total)
❏
Two user-defined memory zones
(up to 32 Mbytes total)
❏
Four user-defined I/O zones
— Address line forcing (to 0 or 1) for access to two
BIOS code and data sets
— Optional indirect addressing of memory
— XRD-XEN or XWR-XR/W mode support
— Supports both slow and fast devices
— For faster transactions in 16-bit data bus, strobe sig-
nals for address latches change automatically only
when the address is changed
s
Configuration Control
— Compliant with PC01 Specification Revision 1.0,
1999-2000
— Compliant with Hardware Design Guide Version 3.0
for Microsoft Windows 2000 Server, June 30 2000
— Plug and Play (PnP) Configuration register structure
— Base Address strap, to setup the address of the
Index-Data register pair
— Flexible resource allocation for all logical devices:
❏
Relocatable base address
❏
15 IRQ routing options to serial IRQ
❏
Up to four optional 8-bit DMA channels
— SMBus control over pin multiplexing, module disable
and output TRI-STATE® for all Legacy modules
Legacy Modules
s
Serial Ports 1 and 2
— Software compatible with the 16550A and the 16450
— Supports shadow register for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
— Three sets of Serial Interface pins
❏
Serial Interface 1
❏
Snoop or Take-over connection of Serial Inter-
face M
❏
Two-to-one multiplexing of Serial Ports 1 and 2 to
Serial Interface 2
s
Floppy Disk Controller (FDC)
— Programmable write protect
— Supports FM and MFM modes
— Supports Enhanced mode command for three-mode
Floppy Disk Drive (FDD)
— Perpendicular recording drive support for 2.88 MB
— Burst and Non-Burst modes
— Full support for IBM Tape Drive Register (TDR) im-
plementation of AT and PS/2 drive types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com