Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 23Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
external 1.5-k
Ω pull-up resistor connected between a data line and a voltage source between 3.0 V and 3.6
V. Since the power provided by the USB cable is specified to be between 4.4V and 5.0V, an on-chip
regulator is used to drop the voltage to the appropriate level for sourcing the USB transceiver and external
pull-up resistor. An output pin driven by the regulator is provided to source the 1.5-k
Ω external resistor.
4.7.2
USB Transceiver
The USB transceiver provides the physical interface to the USB D+ and D- data lines. The transceiver is
composed of two parts: an output driver circuit and a receiver.
The USB transceiver uses a differential output driver to driver the USB data signal onto the USB cable. The
static output swing of the driver in its low state is below the VOL of 0.3V with 1.5-kΩ load to 3.6V and in
its high state is above the VOH of 2.8V with 15-kΩ load to ground. The output swings between the
differential high and low state are well balanced to minimize signal skew. Slew rate control on the driver is
used to minimize the radiated noise and cross talk. The driver’s outputs support 3-state operation to achieve
bi-directional half-duplex operation. The driver can tolerate a voltage on the signal pins of –0.5V to 3.8V
with respect to local ground reference without damage.
The rise and fall time of the signals on this cable are greater than 75ns to keep RFI (radio frequency
interference) emissions under FCC (Federal Communications Commission) class B limits and less than
300ns to limit timing delays, signaling skews, and distortions. The driver reaches the specified static signal
levels with smooth rise and fall times, and minimal reflections and ringing when driving the cable. This
driver is used only on segments between low-speed devices and the ports to which they are connected.
USB data transmission is done with differential signals. A differential input receiver is used to accept the
USB data signal. A differential 1 on the bus is represented by D+ being at least 200mV more positive than
D- as seen at the receiver, and a differential 0 is represented by D- being at least 200mV more positive than
D+ as seen at the receiver. The signal cross over point must be between 1.3V and 2.0V.
The receiver features an input sensitivity of 200mV when both differential data inputs are in the range of
0.8V and 2.5V with respect to the local ground reference. This is called the common mode input voltage
range. Proper data reception also is achieved when the differential data lines are outside the common mode
range. The receiver can tolerate static input voltage between –0.5V to 3.8V with respect to its local ground
reference without damage. In addition to the differential receiver, there is a single-ended receiver for each
of the two data lines.
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)
Figure 4-3 Differential Input Sensitivity over Entire Common Mode Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com