Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 13Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
Bit Value
Analog value
0000
0 V - 5/16 V
0001
5/16 V - 5/8 V
0010
5/8 V - 15/16 V
0011
15/16 V - 5/4 V
0100
5/4 V - 25/16 V
0101
25/16 V - 15/8 V
0110
15/8 V - 35/16 V
0111
35/16 V - 5/2 V
1000
5/2 V - 45/16 V
1001
45/16 V - 25/8 V
1010
25/8 V - 55/16 V
1011
55/16 V - 15/4 V
1100
15/4 V - 65/16 V
1101
65/16 V - 75/16 V
1110
75/16 V - 5V
1111
5V
Value on POR: “- - - - x x x x”
PHSEL (Address 0Eh, Photo-sensor analog input select register)
R/W
R/W
R/W
PHSEL2
PHSEL1
PHSEL0
PHSEL[2:0]: The selection register for 8 channel 4 bits, ADC.
Bit Value
Source pin of the ADC
000
PORT2.0
001
PORT2.1
010
PORT2.2
011
PORT2.3
100
PORT2.4
101
PORT2.5
110
PORT2.6
111
PORT2.7
Value on POR: “- - - - - x x x”
DMODE (Address 0Fh, Photo-sensor input mode register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DMODE7
DMODE6
DMODE5
DMODE4
DMODE3
DMODE2
DMODE1
DMODE0
DMODE[7:0]: Individual enabler for Port 2.7~Port 2.0 input buffer.
1: Indicate the corresponding pin on Port 2 can be used in input mode. This pin can be selected
with PHSEL and firmware can get its state from PHVAL also.
0: Indicate the corresponding pin on Port 2 cannot be used in input mode. But even firmware
cannot read this pin directly from Port 2 directly, this pin can be selected with PHSEL and
firmware can get its state from PHVAL also.
Value on POR: “0 0 0 0 0 0 0 0”
PSCON (Address 81h, Prescaler control register)
R/W
R/W
R/W
R/W
PSDIS
PS2
PS1
PS0
PSDIS: Prescaler disable bit
1: Set prescaler disable
0: Set prescaler enable
PS[2:0]: Prescaler rate select bits. These bits are used to control timer speed. The following table means
that how many instruction cycles the TIMER register should be added by 1 when PSDIS = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com