Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
Bit Value
Timer Rate
(PSDIS = 0)
000
1:2
001
1:4
010
1:8
011
1:16
100
1:32
101
1:64
110
1:128
111
1:256
Value on POR: “- - - - 1 1 1 1”
PORT1CON (Address 86h, Port 1 direction control register)
R/W
R/W
R/W
R/W
R/W
P1CON4
P1CON3
P1CON2
P1CON1
P1CON0
There is a data direction control bit to match every pin of Port 1. The direction control bits can configure
these pins as output or input. Setting a PORT1CON register bit put the corresponding output driver in a hi-
impedance mode. Clearing a bit in the PORT1CON register puts the contents of the output latch on the
selected pin.
Value on POR: “- - - 1 1 1 1 1”
PORT2CON (Address 87h, Port 2 direction control register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P2CON7
P2CON6
P2CON5
P2CON4
P2CON3
P2CON2
P2CON1
P2CON0
There is a data direction control bit to match every pin of Port 2. The direction control bits can configure
these pins as output or input. Setting a PORT2CON register bit put the corresponding output driver in a hi-
impedance mode. Clearing a bit in the PORT2CON register puts the contents of the output latch on the
selected pin.
Value on POR: “1 1 1 1 1 1 1 1”
4.4
FULL-RANGE DETECTION AND ANALOG-TO-DIGITAL CONVERTER
The GL600USB provides the unique “Full-Range Detection” ability. Over 95% of PC mouse market adopts
photo-sensor system to detect the mechanical movement of the roller inside the mouse. Because the
sensors may have varied characteristic on their output DC voltage level and output moving range, the
mouse manufacturers can’t avoid the expensive process of matching LED and photo-sensor. By providing
those photo-input pins with full-range detection function, the mouse makers can ignore the range difference
between those sensors, so the manufacturing procedure is simple and a huge cost is saved on the
manufacturing line.
By detecting the output signal came from the sensors, Genesys Logic’s patented algorithm could learn the
tiny difference of every signal and automatically adjust the threshold for the sensors without any side effect.
This new outstanding design can help the manufacturers decrease their inconvenience on mass -production
line and cut their human and mechanical cost tremendously.
There’s a 4-bit Analog-to-Digital Converter (ADC) module in the GL600USB. The input signal of ADC
can be connected to Port 2.0 ~ Port 2.7. When these I/O pins is used for analog input, the corresponding
bits in DMODE register should be set to 0 to disable input buffer of Port 2. This can save power consumed
by the pad of Port 2. The PHSEL register is used to select which input connected to the ADC and the
PHVAL register is used to store the digital value converted by the ADC. The Genesys Logic’s proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com